Part Number Hot Search : 
ISL54048 C4521 LBS13502 AD9238 GBL403 RLD78M 2N490 BZX84C16
Product Description
Full Text Search
 

To Download BD675 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transys
Electronics
LIMITED
NPN DARLINGTON POWER SILICON TRANSISTOR
BD 675 (BPL) TO-126
ABSOLUTE MAXIMUM RATINGS(Ta=25deg C) DESCRIPTION SYMBOL VALUE VCBO 45 Collector -Base Voltage VCEO 45 Collector -Emitter Voltage VEBO 5.0 Emitter Base Voltage IC 4.0 Collector Current IB 0.1 Base Current PD 40 Power Dissipation @ Tc=25 deg C 0.32 Derate Above 25 deg C Tj 150 Junction Temperature Tstg -55 to +150 Storage Temperature Range Thermal Resistance Rth(j-c) 3.13 Junction to Case ELECTRICAL CHARACTERISTICS (Ta=25 deg C Unless Specified) DESCRIPTION SYMBOL TEST CONDITION VCEO(sus)* IC=50mA, IB=0 Collector Emitter (sus) Voltage ICEO VCE=23V, IB=0 Collector Cut off Current ICBO VCB=45V, IE=0 Tc=100 deg C VCB=45V, IE=0 VBE=5V,IC=0 IC=500mA, VCE=5V IC=1.5A, IB=30mA IC=1.5A, VCE=3V IC=50mA, VCE=10V,
UNIT V V V A A W W/deg C deg C deg C deg C/W MIN 45 TYP MAX 500 0.2 UNIT V uA mA
IEBO Emitter Cut off Current hFE* DC Current Gain Collector Emitter Saturation Voltage VCE(Sat)* VBE(on)* Base Emitter on Voltage ft Gain Bandwidth Product Pulse Test:-Pulse Width=300us, Duty Cycle=2%
800 260
-
2.0 2.0 3200 2.5 2.5 -
mA mA V V MHz
TO-126 (SOT-32) Plastic Package
C N P B
1 2 3
A
D IM A B C D E F G L M N P S
M IN .
M AX .
S
D M F E G
STANDARD PACK Net Weight/Qty INNER CARTON BOX Qty 2.0K
Packing Detail
PACKAGE Details TO-126 Size Size OUTER CARTON BOX Qty Gr Wt 32.0K 31 kgs 500 pcs/polybag 340 gm/500 pcs 3" x 7.5" x 7.5" 17" x 15" x 13.5"
All dimensions in mm.
1 2 3
L
P IN C O N FIG U R ATIO N 1. E M ITTE R 2. C O LLEC TO R 3. B AS E
7.4 7.8 10.5 10.8 2.4 2.7 0.7 0.9 2.25 TY P. 0.49 0.75 4.5 TY P. 15.7 TY P. 1.27 TY P. 3.75 TY P. 3.0 3.2 2.5 TY P.


▲Up To Search▲   

 
Price & Availability of BD675

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X